Part Number Hot Search : 
16362 BR204 C4003ERW 10700464 50124 BR204 HD14519 CJND8804
Product Description
Full Text Search
 

To Download BD2425J50200A00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model BD2425J50200A00
Rev B
Ultra Low Profile 0805 Balun 50 to 200 Balanced
Description
The BD2425J50200A00 is a low profile sub-miniature balanced to unbalanced transformer designed for differential inputs and output locations on next generation wireless chipsets in an easy to use surface mount package covering the GSM frequencies. The BD2425J50200A00 is ideal for high volume manufacturing and is higher performance than traditional ceramic and lumped element baluns. The BD2425J50200A00 has an unbalanced port impedance of 50 and a 200 balanced port impedance. This transformation enables single ended signals to be applied to differential ports on modern semiconductors. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The BD2425J50200A00 is available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25C) * * * * * * * * * *
Features:
2400 - 2400 MHz 0.7mm Height Profile 50 Ohm to 2 x 100 Ohm 802.11 b+g +n Compliant Low Insertion Loss Input to Output DC Isolation Surface Mountable Tape & Reel Non-conductive Surface RoHS Compliant
Parameter Frequency Unbalanced Port Impedance Balanced Port Impedance Return Loss Insertion Loss* Amplitude Balance Phase Balance CMRR Power Handling Operating Temperature
Min. 2400
Typ. 50 200 12.2 0.6 0.1 2 37
Max 2500
9.5
0.8 0.5 6 2 +85
-55
Unit MHz dB dB dB Degrees dB Watts C
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 C)
Outline Drawing
Top View (Near-side) .079.004 [2.000.10] Side View Bottom View (Far-side) .026 [0.65] .027.002 [0.700.05] .039 [0.98] .049.004 [1.250.10] Orientation Marker Denotes Pin Location Orientation Marker Denotes Pin Location 6 5 6X .012 [0.30] 4 1 2 3 6X .009 [0.22]
Dimensions are in Inches [Millimeters] Mechanical Outline
Pin Designation 1 Unbalanced Port 2 GND / DC Feed + RF GND 3 Balanced Port 4 Balanced Port 5 GND 6 NC
Tolerances are Non-Cumulative
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD2425J50200A00
Rev B
Typical Broadband Performance: 0 GHz. to 8.5 GHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
Amplitude Balance
2 1.5 1 0.5
[dB]
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500
0 -0.5 -1 -1.5 -2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8000 8500 8500
Frequency [MHz]
Frequency [MHz]
Insertion Loss
0 -0.3 -0.6 -0.9 -1.2 -1.5
[dB]
Phase Balance
20 15 10 5
deg
-1.8 -2.1 -2.4 -2.7 -3 -3.3 -3.6 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500
0 -5 -10 -15 -20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500
Frequency [MHz]
Frequency [MHz]
CMRR
0 -5 -10 -15
[dB]
-20 -25 -30 -35 -40 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500
Frequency [MHz]
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model BD2425J50200A00
Rev B
Typical Performance: 2300 MHz. to 2600 MHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
Amplitude Balance
2 1.5 1 0.5
[dB]
-18 -21 -24 -27 -30 -33 -36 2300 2350 2400 2450 2500 2550 2600
0 -0.5 -1 -1.5 -2 2300 2350 2400 2450 2500 2550 2600
2600
Frequency [MHz]
Frequency [MHz]
Insertion Loss
0 -0.3 -0.6 -0.9 -1.2 -1.5
[dB]
deg
Phase Balance
20 15 10 5 0 -5 -10 -15 -20 2300 2350 2400 2450 2500
-1.8 -2.1 -2.4 -2.7 -3 -3.3 2300 2350 2400 2450 2500 2550 2600 -3.6
Frequency [MHz]
Frequency [MHz]
CM RR
0 -5 -10 -15
[dB]
-20 -25 -30 -35 -40 2300 2350 2400 2450 2500 2550 2600
Frequency [MHz]
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
2550
Model BD2425J50200A00
Rev B
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/oC. An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. No Bias Footprint DC Bias Footprint
6X .014 [0.35]
4X .012 [0.30] Part Orientation (Top View)
6X .016 [0.35]
DC Bias
Part Orientation (Top View) 6X .013 [0.33] 6X .002 [0.05]
6X .011 [0.27] 6X .002 [0.05]
.029 [0.73]
.026 [0.66]
3X Transmission Line Circuit Pattern Footprint Pad (s) Solder Resist
Plated thru hole to ground
3X Transmission Line Circuit Pattern
Dimensions are in Inches [Millimeters] 0805 Standard Mounting Footprint
4X .012 [0.30] Plated thru hole to ground Dimensions are in Inches [Millimeters] 0805 DC Bias Mounting Footprint
Footprint Pad (s) Solder Resist
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model BD2425J50200A00
Rev B
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information.
OA
OC
OD
QUANTITY/REEL 4000
TABLE 1 REEL DIMENSIONS (inches [mm]) OA 7.00 [177.8] B 0.32 [8.0] OC 2.0 [50.8] OD 0.512 [13.0]
B
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD2425J50200A00
Rev B
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of BD2425J50200A00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X